Part Number Hot Search : 
XC2V2000 30TPS08 SB105 00390 RF160 MP2463 10F40C3 D101R
Product Description
Full Text Search
 

To Download NTE15042 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE15042 Integrated Circuit Digital Tuning System Interface for TV Systems
Description: The NTE15042 is an integrated circuit in a 16-Lead DIP type package developed to facilitate the Phase Lock Loop (PLL) digital tuning system interface for TV systems. Since all the peripheral blocks are incorporated into this device, the number of peripheral parts can be greatly reduced. Features: D All-in-One Chip Incorporating the Peripheral Blocks of the PLL System D Built-In Synchronized Separate for Channel Detecting Circuit D Externally Controllable Channel Detection Level D High Current Low-Saturation-Voltage Band Switch Output: VO(sat) = 0.3V Typ @ IOH = -40mA D Built-In Channel Tuning Voltage: 34V Typ Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VCC1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14.4V Band Output Current, IOH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -60mA Band Output Applied Voltage, VOL . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -15V Zener Terminal Current, Iz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15mA Channel Detection Output Applied Voltage, VOH . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC1 V Band Input Voltage, VI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to VCC1 V Video Signal Input Voltage, VCV . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to 5V Error Amplifier Input Voltage, VAI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to VCC1 V Error Amplifier Output Current, IAO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -5mA Flyback Pulse Input Voltage, VFBP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC1 VP Allowable Power Dissipation (TA = +60C), PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 600mW Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +65C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +150C Recommended Operating Conditions:
Parameter Supply Voltage Band Signal High-Level Input Voltage Band Signal Low-Level Input Voltage Video Signal Input Voltage Flyback Pulse High-Level Input Voltage Flyback Pulse Low-Level Input Voltage Incoming Current to Pin11 Symbol VCC1 eBIH (V1H, V2H) eBIL (V1L, V2L) eiv (V3) eFBPH (V4H) eFBPL (V4L) I11 Min 8.1 3.1 0 - 5.0 0 5 Typ - - 2 - - - Max 5.5 0.8 - 8.0 0.7 6 Unit V V V VP-P V V mA 12.0 13.2
Electrical Characteristics: (TA = +25C 3C, VCC = 12V unless otherwise specified)
Parameter Circuit Current Band Input Threshold Voltage Band Output Saturation Voltage Band Output Leakage Current Zener Stabilization Voltage Stabilization Voltage Temperature Factor Operating Resistance Error Amplifier Input Bias Current Error Amplifier Minimum Output Voltage Error Amplifier Maximum Output Voltage Error Amplifier Reference Input Voltage Comparator Reference Voltage 1 Comparator Reference Voltage 2 Channel Detection Output Low-Level Voltage Channel Detection Output Leakage Current Symbol ICC VITH VO(sat) IOL VZ VZ IBIAS VAOL VAOH VAref VCref 1 VCref 2 VOL IOH No signal voltage compared with voltage when signal is input Signal voltage compared with no signal voltage IOL = 1mA VOH = 13.2V RL = 8.2k RL = 8.2k IOH = -40mA, I11 = 5mA VOL = -15V IZ = 5mA IZ = 5mA Test Conditions Error amp output (High) connected to the band output VCC Min 2.0 1.0 - - 32 -5 - - - VZ -1.5 1.5 6.5 4.5 - - Typ 6.0 2.0 0.3 - 34 0 10 - 0.2 VZ 2.0 7.0 5.0 0.2 - Max 12.0 3.0 0.7 -50 36 +5 25 200 0.5 - 2.5 7.5 5.5 0.5 5 Unit mA V V A V mV/C nA V V V V V V A
VZ/T TA = -20 to +65C, IZ = 5mA
Band Output Format:
BIN1 L H L H BIN2 L L H H BAND1 H Z Z Z BAND2 Z H Z Z BAND3 Z Z H Z BAND4 Z Z Z H
Z: High Impedance
Pin Connection Diagram
Band Input 1 1 Band Input 2 2 Video Input 3 Flyback Pulse Input 4 GND 5 Channel Det Filter 6 Channel Det Output (Active High) 7 Error Amp Input 8
16 Band Output 1 15 Band Output 2 14 Band Output 3 13 Band Output 4 12 VCC1 11 VCC2 10 VZ 9 Error Amp Output
16
9
1
8
.800 (20.3) Max
.256 (6.5)
.200 (5.08)
.100 (2.54)
.138 (3.5)
.300 (7.62)


▲Up To Search▲   

 
Price & Availability of NTE15042

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X